PART |
Description |
Maker |
HT45F1212 |
8-Bit Flash MCU with Op Amps & Comparators
|
Holtek Semiconductor Inc
|
Z8F0423HH005EC Z8F0423HH005SC Z8F0413SH005EC Z8F04 |
IC ENCORE MCU FLASH 4K 20SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 20SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 28SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 20DIP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP20 IC ENCORE MCU FLASH 2K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 8K 28-SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28
|
ZiLOG, Inc.
|
STR710F STR711FR2T6 STR710FZ2T6 STR711FR0T6 STR712 |
ARM7TDMI⑩ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI⒙ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 144/64-pin ARM7TDMI MCU with up to 256KB FLASH, 64KB RAM and EMI
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ATTINY25-15ST1 ATTINY25-15MT ATTINY25-15MZ ATTINY2 |
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash MCU AVR 4K FLASH 15MHZ 20-QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC20 MCU AVR 8K FLASH 15MHZC 20-QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC20 MCU AVR 8K FLASH 15MHZ 8-SOIC
|
ATMEL Corporation Atmel, Corp.
|
ADUC844 ADUC844BCP32-5 ADUC844BCP32-3 ADUC844BS62- |
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU MicroConverter的,6-Bit/24-Bit与嵌入式62kB闪存MCU模数转换 MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU 8-BIT, FLASH, 12.58 MHz, MICROCONTROLLER, PQFP52
|
Analog Devices, Inc.
|
UBB12/3D24 UBB12/2.5Q48 UBB5/6Q48 UBB5/7D24 UBB15/ |
8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 模拟IC
|
NEC, Corp.
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
SST89V564RD-33-I-NJ SST89V564RD-33-C-TQJ SST89V564 |
FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, QCC40 FlashFlex MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 FlashFlex MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44
|
Silicon Storage Technology, Inc.
|
HT68F60 HT68F20 |
(HT68F20 - HT68F60) Enhanced I/O Flash Type MCU 8-Bit MCU
|
Holtek Semiconductor
|
HT68F201006 |
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
|